Part Number Hot Search : 
MK23H2 NZ2520S UMY3N US1AL MC333 C75CK C1502 MK23H2
Product Description
Full Text Search
 

To Download HDD100-48S24-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HDD100 SERIES
DC-DC CONVERTER 100W
HDD100 - 24 S 05
WATTAGE 24 : 18~36V IN 48 : 36~72V IN 05: 12: 15: 24: 5V 12V 15V 24V OUT OUT OUT OUT
MODEL LIST
MODEL NO. INPUT VOLTAGE OUTPUT WATTAGE OUTPUT VOLTAGE OUTPUT CURRENT EFF. (MIN.) CASE
Single Output Models HDD100 - 24S05-X HDD100 - 24S12-X HDD100 - 24S15-X HDD100 - 24S24-X HDD100 - 48S05-X HDD100 - 48S12-X HDD100 - 48S15-X HDD100 - 48S24-X 18~36 VDC 18~36 VDC 18~36 VDC 18~36 VDC 36~72 VDC 36~72 VDC 36~72 VDC 36~72 VDC 100 WATTS 100 WATTS 100 WATTS 100 WATTS 100 WATTS 100 WATTS 100 WATTS 100 WATTS + 5 VDC 20000 mA 8300 mA 6600 mA 4000 mA 20000 mA 8300 mA 6600 mA 4000 mA 80% 84% 84% 85% 83% 85% 85% 86% HH HH HH HH HH HH HH HH + 12 VDC + 15 VDC + 24 VDC + 5 VDC + 12 VDC + 15 VDC + 24 VDC
--SUFFIX "X=P" : PCB MOUNTING TYPE, HEATSINK WILL BE ADDED ON MODULE. --SUFFIX "X=T" : CHASSIS MOUNTING TYPE:(TERMINAL BLOCK), NO HEATSINK. USE CHASSIS AS HEATSINK OR FAN FORCE COOLING. INDICATE SUFFIX WHEN ORDER. --SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICED.
FEATURES
* 100W DC/DC CONVERTER * 2:1 INPUT RANGE, PI INPUT FILTER * ISOLATION INPUT AND OUTPUT * HIGH PERFORMANCE UP TO 86% * SHORT CIRCUIT PROTECTION * 2 YEARS WARRANTY
CHINFA ELECTRONICS IND., CO. LTD. ISO 9001 Certified
www.chinfa.com sales@chinfa.com
HDD100 SERIES
SPECIFICATION
GENERAL SPECIFICATION * Switching frequency: ......................... * Isolation voltage: .............................. * Isolation resistance: .......................... * Operating ambient temperature: ......... * Storage temperature: ........................ * Max. Case temperature: ..................... * M.T.B.F.: .......................................... * Cooling: ........................................... * Transient recovery time: .................... * Temperature coefficient: .................... * Dimension: ......................................
DC-DC CONVERTER 100W
All Specifications Typical At Nominal Line, Full Load, 25 Unless Otherwise Noticed
80KHz (typ.) 1,500VDC 1G (min.) -25 to +71 -25 to +100 100 100,000Hrs at @ GF40, according to MIL-HDBK-217F Ffree air convection 500S, 25% load step change 0.02% / 88.9 x 140 x 43mm
INPUT SPECIFICATIONS * Input voltage range / frequency: ........ 18 ~ 36VDC for 24V 36 ~ 72VDC for 48V * Input filter: ....................................... Pi type OUTPUT SPECIFICATIONS * Output voltage accuracy: ................... * Line regulation: ................................ * Load regulation: ............................... * Ripple & noise: ................................. * Efficiency: ........................................ * Voltage trim range: ........................... * Derating: ......................................... * Case material: ..................................
1% at Vo_nom 1% at Vo_nom 2%) at Vo_nom for single output models 1%mV (max.) Up to 86%, see model list 10% at Vo_nom See table 1 Metal
CONTROL AND PROTECTION * Remote on/off: ................................. ON : Open or +5.5VDC(Min.) OFF : +1.8VDC(Max.) * Output short circuit: .......................... Continuous
CHINFA ELECTRONICS IND., CO. LTD. ISO 9001 Certified
www.chinfa.com sales@chinfa.com
HDD100 SERIES
MECHANISM & PIN CONFIGURATION
REMOTE ON / OFF CONTROL
TERMINAL 6 CONTROL LOGIC COMPATIBILITY : .....................OPEN COLLECTOR TTL CONTROL VOLTAGE. ON +5.5V MIN. OR OPEN CIRCUIT. OFF ......+1.8V MAX. CONVERTER SHUTDOWN IDLE CURRENT ..................10 mA CONTROL COMMON .............................INPUT TERMINAL 2
DC-DC CONVERTER 100W
PHYSICAL CHARACTERISTICS
CASE SIZE CASE MATERIAL WEIGHT 88.9 x 140 x 43mm 3.5 x 5.5 x 1.69inches Metal 550 g
EXTERNAL OUTPUT TRIMMING 12 Trim Up 13 Trim Down 14 12 13 10K
Derating: [TABLE 1]
100
Power out [%]
14
NATURAL CONVECTION COOLING
0 -25
60
70
100
PIN ASSIGMENT
PIN NO. 1 2&3 4&5 6 7 8 9 10 11 12 13 14 CASE: HH-P-100 SINGLE
Ambient Temperture []
NO PIN ViVi+ REMOTE ON/OFF CONTROL N.C. VoVoVo+ Vo+ SENSERTrim SENSER+ CASE: HH-T
CHINFA ELECTRONICS IND., CO. LTD. ISO 9001 Certified
www.chinfa.com sales@chinfa.com


▲Up To Search▲   

 
Price & Availability of HDD100-48S24-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X